Part Number Hot Search : 
24ACR 7C1462A HD74H LVC2G24 MA3D652 MMSZ524 KA3843AM RX5VT46A
Product Description
Full Text Search
 

To Download SS32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS32 THRU SS310
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 100 Volts
DO-214AA
Forward Current - 3.0 Amperes
FEATURES
0.086 (2.20) 0.077 (1.95)
0.155(3.94) 0.130(3.30)
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 For surface mounted applications Metal silicon junction,majority carrier conduction Low power loss,high efficiency Built-in strain relief,ideal for automated placement High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds at terminals
0.180(4.57) 0.160(4.06)
0.012(0.305) 0.006(0.152)
0.122(3.12) 0.110(2.82)
MECHANICAL DATA
Case: JEDEC DO-214AC molded plastic body Terminals: leads solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.005 ounce, 0.138 grams
0.060(1.52) 0.030(0.76)
0.008(0.203)MAX.
0.220(5.59) 0.205(5.21)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
SYMBOLS
SS32
SS33
SS34
SS35
SS36
SS38 SS310
UNITS VOLTS VOLTS VOLTS Amps
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current at TL(see fig.1) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 3.0A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C Typical junction capacitance (NOTE 1) Typical thermal resistance (NOTE 2) Operating junction temperature range Storage temperature range
VRRM VRMS VDC I(AV)
20 14 20
30 21 30
40 28 40
50 35 50 3.0
60 42 60
80 56 80
100 70 100
IFSM VF IR CJ RqJA TJ, TSTG 0.55
100.0 0.70 0.5 20 500 -65 to +125 10 300 55.0 -65 to +150 -65 to +150 0.85
Amps Volts mA pF C/W C C
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2.P.C.B. mounted with 0.2x0.2"(5.0x5.0mm) copper pad areas
www.shunyegroup.com
RATINGS AND CHARACTERISTIC CURVES SS32 THRU SS310
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
FIG. 1- FORWARD CURRENT DERATING CURVE
PEAK FORWARD SURGE CURRENT, AMPERES
3.0
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
100
2.4
Single Phase Half Wave 60Hz Resistive or inductive Load
80
1.8
60
1.2
40
0.6
SK32-SK34 SK35-SK310
20
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0 0 25 50 75 100 125 150 175
0
1
10
100
AMBIENT TEMPERATURE, C
NUMBER OF CYCLES AT 60 Hz
FIG. 3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
50
TJ=25 C
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
1,000
10.0
INSTANTANEOUS REVERSE CURRENT, MILLIAMPERES
INSTANTANEOUS FORWARD CURRENT,AMPERES
100 TJ=100 C
10
1
TJ=75 C 1
0.1
SK32-SK34 SK35-SK36 SK38-SK310
0.1 TJ=25 C
0.01
0
20
40
60
80
100
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
PERCENT OF PEAK REVERSE VOLTAGE,%
INSTANTANEOUS FORWARD VOLEAGE, VOLTS
FIG. 5-TYPICAL JUNCTION CAPACITANCE
2000 1000 TJ=25 C
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
TRANSIENT THERMAL IMPEDANCE, C/W
100
JUNCTION CAPACITANCE, pF
10
100
1
SK32-SK34 SK35-SK310
0.1 0.01 0.1 1 10 100
10 0.1 1.0 10 100
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
www.shunyegroup.com


▲Up To Search▲   

 
Price & Availability of SS32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X